Part Number Hot Search : 
280HZ GBJL1501 24N60M2 2222K TA7376P XM1316 BD2224G TDA5210
Product Description
Full Text Search
 

To Download APT1004RGN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D G S
TO-257
APT1004RGN 1000V 3.3A 4.00
TM
POWER MOS IV
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS PD TJ,TSTG TL Parameter Drain-Source Voltage
N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
All Ratings: TC = 25C unless otherwise specified.
APT1004RGN UNIT Volts Amps
1000 3.3 13.2 30 100 0.8 -55 to 150 300
Continuous Drain Current @ TC = 25C Pulsed Drain Current Gate-Source Voltage Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
1
Volts Watts W/C C
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(ON) RDS(ON) IDSS IGSS VGS(TH) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
1000 3.3 4.00 250 1000 100
2
(VDS > ID(ON) x R DS(ON) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID [Cont.])
Ohms A nA Volts
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1.0mA)
4
SAFE OPERATING AREA CHARACTERISTICS
Symbol SOA1 SOA2 ILM Characteristic Safe Operating Area Safe Operating Area Inductive Current Clamped Test Conditions VDS = 0.4 VDSS, IDS = PD / 0.4 VDSS, t = 1 Sec. IDS = ID [Cont.], VDS = PD / ID [Cont.], t = 1 Sec. MIN TYP MAX UNIT Watts
100 100 3.3
Amps
050-0019 Rev B
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol CDC Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Drain-to-Case Capacitance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions f = 1 MHz VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 1.8 MIN TYP
APT1004RGN
MAX UNIT
8 805 115 37 35 4.3 18 10 12 33 16
12 950
pF
160 60 55 7 27 20 24
ns 50 nC
32
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
3.3 13.2 1.3 290 1.65 580 3.3
(Body Diode) (VGS = 0V, IS = -ID [Cont.])
Reverse Recovery Time (IS = -ID [Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], dl S/dt = 100A/s)
THERMAL CHARACTERISTICS
Symbol RJC RJA
1 2
Characteristic Junction to Case Junction to Ambient
MIN
TYP
MAX
UNIT W/C
1.20 80
Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
1.5 1.0 , THERMAL IMPEDANCE (C/W) 0.5
D=0.5 0.2 0.1
0.1 0.05
0.05 0.02 0.01 SINGLE PULSE Note:
PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
0.01 0.005
050-0019 Rev B
Z 0.001 10-5
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT1004RGN
5 VGS=5.5V,6V &10V ID, DRAIN CURRENT (AMPERES) ID, DRAIN CURRENT (AMPERES) 4 5V 8 VGS=10V 6V 5V 6 5.5V
3 4.5V
4 4.5V
2
2 4V 0
1 4V 0 100 200 300 400 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS 0
0 4 8 12 16 20 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 2.5
V
GS
20 TJ = -55C ID, DRAIN CURRENT (AMPERES)
VDS> ID (ON) x RDS (ON)MAX. 230 SEC. PULSE TEST
TJ = +25C TJ = +125C
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
2.0
15
1.5
VGS=10V VGS=20V
10
1.0
5 TJ = +125C TJ = +25C 0 TJ = -55C
0.5
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 4 ID, DRAIN CURRENT (AMPERES)
0.0
0
2 4 6 8 10 12 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) 25
I = 0.5 I [Cont.]
D D GS
1.2
1.1
3
1.0
2
0.9
1
0.8
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5 VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
V = 10V
0
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.4
0.7
-50
2.0
1.2
1.5
1.0
1.0
0.8
0.5
0.6 050-0019 Rev B
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.4
-50
APT1004RGN
15 10 ID, DRAIN CURRENT (AMPERES) 100S C, CAPACITANCE (pF) 5
OPERATION HERE LIMITED BY R (ON) DS
10S
10,000
1,000
Ciss
1mS 1 0.5 TC =+25C TJ =+150C SINGLE PULSE 0.1 10mS
Coss 100 Crss
100mS DC 0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 100 50 10
1 5 10 50 100 500 1000 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20
16 VDS=100V 12 VDS=200V
20 TJ =+150C 10 5 TJ =+25C
8
VDS=500V
4
2 1
20 40 60 80 100 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 0.5 1.0 1.5 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
TO-257AA Package Outline
1.14 (.045) 0.89 (.035)
10.67 (.420) 10.41 (.410) 5.33 (.210) 5.20 (.205) 3.81 (.150) Dia. 3.56 (.140)
16.89 (.665) 16.38 (.645)
10.92 (.430) 10.41 (.410)
13.64 (.537) 13.38 (.527)
Drain
19.05 (.750) 12.07 (.500)
Source Gate
3.05 (.120) BSC 5.08 (.200) 4.83 (.190)
.889 (.035) Dia. 3-Plcs. .635 (.025) 2.54 (.100) BSC
050-0019 Rev B
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT1004RGN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X